PART |
Description |
Maker |
BT136-600 |
4 Quadrants Sensitive TRIAC
|
SemiHow Co.,Ltd.
|
HTS10A80AS |
3 Quadrants 10A TRIAC
|
SemiHow Co.,Ltd.
|
HTP16A80H HTP16A60H |
3 Quadrants Standard TRIAC
|
SemiHow Co.,Ltd.
|
HTS16A80H HTS16A60H |
3 Quadrants Standard TRIAC
|
SemiHow Co.,Ltd.
|
AN440 |
TRIAC DRIVE CIRCUIT FOR OPERATION IN QUADRANTS I AND III
|
SGS Thomson Microelectronics
|
TLC336A TLC386D TLC116 TLC226A TLC226T TLC386A TLC |
200 V, 3 A, TRIAC SENSITIVE GATE TRIACS From old datasheet system 400 V, 3 A, TRIAC
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MAC997A6RLRP MAC997A8 MAC997A8RL1 MAC997A8RLRP MAC |
Sensitive Gate Triacs Silicon Bidirectional Thyristors SENSITIVE GATE TRACS 617SS Series Unipolar Hall-Effect Digital Position Sensor; dual output; 4-pin DIP IC 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
ONSEMI[ON Semiconductor]
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
KTA1A60-HF |
4 Quadrants Sensitive TRIACS
|
Guangdong Kexin Industr...
|
MAC4DLM-D MAC4DLM-1G |
Sensitive Gate Triacs; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
NTE56047 NTE56045 |
TRIAC, 16A, Sensitive Gate
|
NTE[NTE Electronics]
|